Part Number Hot Search : 
BYD77CA BPC3506 4N30ST1 PE33964 55NF06 20100 LT6003 RB751
Product Description
Full Text Search
 

To Download IRF3707LPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD -95528
SMPS MOSFET
Applications
l
IRF3707PbF IRF3707SPbF IRF3707LPBF
HEXFET(R) Power MOSFET
l l
High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use High Frequency Buck Converters for Computer Processor Power Lead-Free
VDSS
30V
RDS(on) max
12.5m
ID
62A
Benefits l Ultra-Low Gate Impedance
l l
Very Low RDS(on) Fully Characterized Avalanche Voltage and Current
Parameter
Drain-Source Voltage Gate-to-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Maximum Power Dissipation Maximum Power Dissipation Linear Derating Factor Junction and Storage Temperature Range
TO-220AB IRF3707
D2Pak IRF3707S
TO-262 IRF3707L
Absolute Maximum Ratings
Symbol
VDS VGS ID @ TC = 25C ID @ TC = 70C IDM PD @TC = 25C PD @TC = 70C TJ , TSTG
Max.
30 20 62 52 248 87 61 0.59 -55 to + 175
Units
V V A W W mW/C C
Thermal Resistance
Parameter
RJC RCS RJA RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient Junction-to-Ambient (PCB mount)*
Typ.
--- 0.50 --- ---
Max.
1.73 --- 62 40
Units
C/W
* When mounted on 1" square PCB (FR-4 or G-10 Material) . For recommended footprint and soldering techniques refer to application note #AN-994
Notes through are on page 10
www.irf.com
1
7/20/04
IRF3707S/LPbF
Static @ TJ = 25C (unless otherwise specified)
Parameter Drain-to-Source Breakdown Voltage V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient V(BR)DSS RDS(on) VGS(th) IDSS IGSS Min. 30 --- --- Static Drain-to-Source On-Resistance --- Gate Threshold Voltage 1.0 --- Drain-to-Source Leakage Current --- Gate-to-Source Forward Leakage --- Gate-to-Source Reverse Leakage --- Typ. --- 0.027 9.0 12.6 --- --- --- --- --- Max. Units Conditions --- V VGS = 0V, ID = 250A --- V/C Reference to 25C, ID = 1mA 12.5 VGS = 10V, ID = 15A m 17 VGS = 4.5V, ID = 12A 3.0 V VDS = VGS, ID = 250A 20 VDS = 24V, VGS = 0V A 100 VDS = 24V, VGS = 0V, TJ = 125C 200 VGS = 16V nA -200 VGS = -16V
Dynamic @ TJ = 25C (unless otherwise specified)
Symbol
gfs Qg Qgs Qgd Qoss td(on) tr td(off) tf Ciss Coss Crss Parameter Forward Transconductance Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Output Gate Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Min. 37 --- --- --- --- --- --- --- --- --- --- --- Typ. --- 19 8.2 6.3 18 8.5 78 11.8 3.3 1990 707 50 Max. Units Conditions --- S VDS = 15V, ID = 49.6A --- ID = 24.8A --- nC VDS = 15V --- VGS = 4.5V 27 VGS = 0V, VDS = 15V --- VDD = 15V --- ID = 24.8A ns --- RG = 1.8 --- VGS = 4.5V --- VGS = 0V --- VDS = 15V --- pF = 1.0MHz
Avalanche Characteristics
Symbol
EAS IAR
Parameter
Single Pulse Avalanche Energy Avalanche Current
Typ.
--- ---
Max.
213 62
Units
mJ A
Diode Characteristics
Symbol
IS
ISM
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Reverse Reverse Reverse Recovery Recovery Recovery Recovery Time Charge Time Charge
Min. Typ. Max. Units --- --- --- --- --- --- --- --- --- --- 0.88 0.8 39 49 42 62 62 248 1.3 --- 59 74 63 93 V ns nC ns nC A
VSD trr Qrr trr Qrr
Conditions D MOSFET symbol showing the G integral reverse S p-n junction diode. TJ = 25C, IS = 31A, VGS = 0V TJ = 125C, IS = 31A, VGS = 0V TJ = 25C, IF = 31A, VR=20V di/dt = 100A/s TJ = 125C, IF = 31A, VR=20V di/dt = 100A/s
2
www.irf.com
IRF3707S/LPbF
1000
VGS TOP 10.0V 9.0V 8.0V 7.0V 6.0V 5.0V 4.5V BOTTOM 3.5V
1000
VGS 10.0V 9.0V 8.0V 7.0V 6.0V 5.0V 4.5V BOTTOM 3.5V TOP
ID, Drain-to-Source Current (A)
100
ID, Drain-to-Source Current (A)
100
3.5V
10
3.5V
10
20s PULSE WIDTH Tj = 25C
1 0.1 1 10 100
20s PULSE WIDTH Tj = 175C
1 0.1 1 10 100
VDS, Drain-to-Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
1000
2.5
RDS(on) , Drain-to-Source On Resistance (Normalized)
ID = 62A
I D , Drain-to-Source Current (A)
TJ = 25 C
2.0
100
TJ = 175 C
1.5
1.0
0.5
10 3.0
V DS = 15V 20s PULSE WIDTH 4.0 5.0 6.0 7.0 8.0
0.0 -60 -40 -20 0
VGS = 10V
20 40 60 80 100 120 140 160 180
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF3707S/LPbF
3000
2500
VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
10
ID = 24.8A
VDS = 15V
8
C, Capacitance (pF)
2000
Ciss
6
1500
1000
Coss
4
500
2
Crss
0 1 10 100
0 0 10 20 30 40
VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
1000
1000
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
TJ = 175 C
I D , Drain Current (A)
100
10us
100 100us
10
TJ = 25 C
1
10
1ms 10ms
0.1 0.2
V GS = 0 V
0.6 1.0 1.4 1.8
1
TC = 25 C TJ = 175 C Single Pulse
1 10 100
VSD ,Source-to-Drain Voltage (V)
VDS, Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF3707S/LPbF
70 60
VDS VGS RG
RD
D.U.T.
+
ID , Drain Current (A)
50 40 30
-VDD
10V
Pulse Width 1 s Duty Factor 0.1 %
Fig 10a. Switching Time Test Circuit
20
VDS
10 0
90%
25
50
75
100
125
150
175
TC , Case Temperature ( C)
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
1 D = 0.50 0.20 0.10 0.05 0.1 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) PDM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 1
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
5
IRF3707S/LPbF
RDS ( on ) , Drain-to-Source On Resistance ( )
0.09 0.08 0.07 0.06 0.05 0.04 0.03 0.02 0.01 0.00 0 50 100 150 200 250 ID , Drain Current ( A ) VGS = 10V VGS = 4.5V
RDS(on) , Drain-to -Source On Resistance ( )
0.10
0.013
0.012
0.011
ID = 31A
0.010
0.009 4.0 5.0 6.0 7.0 8.0 9.0 10.0
VGS, Gate -to -Source Voltage (V)
Fig 12. On-Resistance Vs. Drain Current
Current Regulator Same Type as D.U.T.
Fig 13. On-Resistance Vs. Gate Voltage
50K 12V .2F .3F
VGS
QGS
D.U.T. + V - DS
QG QGD
EAS , Single Pulse Avalanche Energy (mJ)
VG
600
VGS
3mA
Charge
IG ID
500
ID 10.1A 20.7A BOTTOM 24.8A TOP
Current Sampling Resistors
Fig 14a&b. Basic Gate Charge Test circuit and Waveforms
400
300
200
15V
V(BR)DSS tp
VDS L
DRIVER
100
RG
20V
D.U.T
IAS tp
+ - VDD
0
A
25
I AS
0.01
Starting TJ , Junction Temperature ( C)
50
75
100
125
150
175
Fig 15a&b. Unclamped Inductive Test circuit and Waveforms
Fig 15c. Maximum Avalanche Energy Vs. Drain Current
6
www.irf.com
IRF3707S/LPbF
TO-220AB Package Outline
10.54 (.415) 10.29 (.405) 3.78 (.149) 3.54 (.139) -A6.47 (.255) 6.10 (.240)
Dimensions are shown in millimeters (inches)
-B4.69 (.185) 4.20 (.165) 1.32 (.052) 1.22 (.048)
2.87 (.113) 2.62 (.103)
4 15.24 (.600) 14.84 (.584)
1.15 (.045) MIN 1 2 3
LEAD ASSIGNMENTS IGBTs, CoPACK 1 - GATE 2 1- GATE- DRAIN 1- GATE 32- DRAINSOURCE 2- COLLECTOR 3- SOURCE 3- EMITTER 4 - DRAIN
LEAD ASSIGNMENTS
HEXFET
14.09 (.555) 13.47 (.530)
4- DRAIN
4.06 (.160) 3.55 (.140)
4- COLLECTOR
3X 3X 1.40 (.055) 1.15 (.045)
0.93 (.037) 0.69 (.027) M BAM
3X
0.55 (.022) 0.46 (.018)
0.36 (.014)
2.54 (.100) 2X NOTES: 1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION : INCH
2.92 (.115) 2.64 (.104)
3 OUTLINE CONFORMS TO JEDEC OUTLINE TO-220AB. 4 HEATSINK & LEAD MEASUREMENTS DO NOT INCLUDE BURRS.
TO-220AB Part Marking Information
E XAMPL E : T HIS IS AN IR F 1010 L OT CODE 1789 AS S E MB L E D ON WW 19, 1997 IN T H E AS S E MB L Y L INE "C" INT E R NAT IONAL R E CT IF IE R L OGO AS S E MB L Y L OT CODE PAR T NU MB E R
Note: "P" in assembly line position indicates "Lead-Free"
DAT E CODE YE AR 7 = 1997 WE E K 19 L INE C
www.irf.com
7
IRF3707S/LPbF
D2Pak Package Outline
Dimensions are shown in millimeters (inches)
D2Pak Part Marking Information (Lead-Free)
T H IS IS AN IR F 5 3 0 S W IT H L O T CO D E 8 0 2 4 AS S E M B L E D O N W W 0 2 , 2 0 0 0 IN T H E AS S E M B L Y L IN E "L " N ote: "P " in as s em bly lin e po s i tion in dicates "L ead-F r ee" IN T E R N AT IO N AL R E CT IF IE R L O GO AS S E M B L Y L O T CO D E P AR T N U M B E R F 53 0 S D AT E CO D E Y E AR 0 = 2 0 0 0 W E E K 02 L IN E L
OR
IN T E R N AT IO N AL R E C T IF IE R L O GO AS S E M B L Y L OT COD E P AR T N U M B E R F 530S D AT E CO D E P = D E S IG N AT E S L E AD -F R E E P R O D U C T (O P T IO N AL ) Y E AR 0 = 2 0 0 0 W E E K 02 A = AS S E M B L Y S IT E CO D E
8
www.irf.com
IRF3707S/LPbF
TO-262 Package Outline
IGBT 1- GATE 2- COLLECTOR 3- EMITTER
TO-262 Part Marking Information
EXAMPLE: T HIS IS AN IRL3103L LOT CODE 1789 AS SEMBLED ON WW 19, 1997 IN T HE ASS EMBLY LINE "C" Note: "P" in as s embly line pos ition indicates "Lead-Free" INT ERNAT IONAL RECT IFIER LOGO ASS EMBLY LOT CODE PART NUMBER
DAT E CODE YEAR 7 = 1997 WEEK 19 LINE C
OR
INT ERNAT IONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NUMBER DAT E CODE P = DES IGNAT ES LEAD-FREE PRODUCT (OPTIONAL) YEAR 7 = 1997 WEEK 19 A = AS S EMBLY S ITE CODE
www.irf.com
9
IRF3707S/LPbF
D2Pak Tape & Reel Infomation
TRR
1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153)
1.60 (.063) 1.50 (.059)
0.368 (.0145) 0.342 (.0135)
FEED DIRECTION 1.85 (.073)
1.65 (.065)
11.60 (.457) 11.40 (.449)
15.42 (.609) 15.22 (.601)
24.30 (.957) 23.90 (.941)
TRL
10.90 (.429) 10.70 (.421) 1.75 (.069) 1.25 (.049) 16.10 (.634) 15.90 (.626) 4.72 (.136) 4.52 (.178)
FEED DIRECTION
13.50 (.532) 12.80 (.504)
27.40 (1.079) 23.90 (.941)
4
330.00 (14.173) MAX.
60.00 (2.362) MIN.
NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
26.40 (1.039) 24.40 (.961) 3
30.40 (1.197) MAX. 4
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Pulse width 300s; duty cycle 2%. This is only applied to TO-220AB package
Starting TJ = 25C, L = 0.7 mH
RG = 25, IAS = 24.8 A.
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.07/04
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF3707LPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X